PART |
Description |
Maker |
SAFC164SM |
16-Bit Single-Chip Microcontrol ler 16位单芯片Microcontrol莱尔
|
Infineon Technologies AG
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|